PART |
Description |
Maker |
TS80C51RD2NBSP TS87C51RD2NBSP TS87C51RC2NBSP TS87C |
High performance 8-bit microcontroller ROMless High performance 8-bit microcontroller 64 Kbytes OTP High performance 8-bit microcontroller 32 Kbytes OTP High performance 8-bit microcontroller 16 Kbytes OTP High performance 8-bit microcontroller 32 Kbytes ROM From old datasheet system
|
Atmel Corp
|
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|
AM29116/DMC AM29L116ALC AM29L116ALCB AM29L116ADCB |
Automotive Catalog Dual Retriggerable Monostable Multivibrators 16-TSSOP -40 to 105 High-Performance 16-Bit Bipolar Microprocessors High-Performance 16-Bit Bipolar Microprocessors
|
Advanced Micro Devices, Inc.
|
AM186ES AM188ES |
microcontrollers provide a low-cost/ high-performance solution for embedded system designers who wish to use the x86 architecture. High Performance/ 80C186-/80C188-Compatible and 80L186-/80L188-Compatible/ 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
79RC64574 IDT79RC64T574-200DZ IDT79RC64T574-250DZ |
High performance 64-Bit Microprocessor Advanced 64-bit Microprocessors Product Family
|
IDT
|
DAC-HK12BGC DAC-HK12BGC-2 DAC-HK12BMC DAC-HK12BMC- |
HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS 12-Bit Digital-to-Analog Converter
|
Datel ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
P320DT70RI P320DT60RI P320DT70VI P320DT90VI AM29PL |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
AMD[Advanced Micro Devices]
|